Part Number Hot Search : 
BB142 Z5237 TC120 B2012 SP8712 02010 P3910 SP8660DP
Product Description
Full Text Search
 

To Download 857071-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  85 7071 192.5 mhz saw filter d ata sheet: rev a 05 / 1 0 / 12 - 1 of 6 - disclaimer: subject to change wi thout notice e ? 201 2 triquint semiconductor, inc. connecting the digital world to the global network ? applications general purpose wireless wireless infrastructure 3g, 4g, multistandard distributed antenna systems (das) product features functional block diagram top view usable bandwidth 65 mhz high attenuation low evm balanced operation cera mic surface mount package (smp - 28c) small size: 7.00 x 5.50 x 1.24 mm hermetic rohs compliant, pb - free g eneral description pin configuration the 85 7071 is a high - performance if saw filter with a center frequency of 192.5 mhz and 1.5 db bandwidth o f 65 mhz it features excellent attenuation and pass band ripple, leading to outstanding evm performance. 857071 is designed to be used in a balanced c onfiguration, thereby eliminating the need for baluns on the input and output. the high performance coup led with the small size of this surface mount filter makes it a natural choice for our custome rs filtering needs in demanding high data rate communications standards. this device is rohs compliant and pb - free. pin # bal/bal description 10 input + 9 input - 5 output + 4 output - 1,2,3 case ground 6, 7,8 case ground ordering information part no. description 8 5 7071 packaged part 8 5 7071 - evb evaluation board stan dard t/r size = 3000 units/reel. 1 2 3 4 5 7 8 6 9 10
85 7071 192.5 mhz saw filter d ata sheet: rev a 05 / 1 0 / 12 - 2 of 6 - disclaimer: subject to change wi thout notice e ? 201 2 triquint semiconductor, inc. connecting the digital world to the global network ? specifications electrical specifications (1 , 2 ) specified temperature range: ( 3 ) + 10 to + 75 oc parameter ( 4 ) conditions min typical ( 5 ) max units center frequency f o - 192.5 - mhz insertion loss at 192.5 mhz - 17 19 db 1.5 db bandwidth (8 ) 65 67. 5 - mhz 35 db bandwidth (8 ) - 74 76 mhz passband ripple (6 ) over f o +/ - 32.5 mhz - 0.5 1.5 db p - p absolute delay over f o +/ - 32.5 mhz - 0.6 1 0.67 s group delay ripple (6 ) over f o +/ - 32.5 mhz - 60 100 ns p - p group delay ripple (6 ) any 3.84 mhz channel over f o +/ - 32.5 mhz - 55 70 ns p - p evm (7 ) any 3.84 mhz channel over f o +/ - 32.5 mhz - 2. 6 3 % temperature coeffi ci ent - - 94 - p pm/ oc input return loss over f o +/ - 32.5 mhz 7 8.7 - db output return loss over f o +/ - 32.5 mhz 7 7.9 - db stopband attenuation (8 ) 5 C 100 mhz 1 00 C 152.5 mhz 230.5 C 231.0 mhz 231.0 C 237.0 mhz 237.0 C 310.0 mhz 310 C 500 mhz 500 C 860 mhz 50 35 3 2 3 5 35 35 50 60 38 3 6 3 7 40 5 6 60 - - - - - - - db db db db db db db source imped ance ( balanced ) ( 9 ) - 100 - load impedance ( balanced ) ( 9 ) - 100 - notes: 1. all specifications are based on the triquint schematic for the main reference design shown on page 3 2. an external impedance matching network with 2% tolerance will be necessary to achieve the proposed specifications 3. in production, devic es will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 4. electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tol erances 5. typic al values are based on average measurements at room temperature 6. this ripple defined as the worst peak to adjacent valley within the specified frequency range s 7. the evm specification is guaranteed by design and measured approximately in production 8. all bandwidths and attenuation measu rements are r eferenced from m in imum loss 9. this is the optimum impedance in order to achieve the performance shown absolute maximum ratings parameter rating opera ble temperature - 4 0 to + 85 o c storage temperature - 40 to + 85 o c input power 10 dbm (measured with continuous sine wave signal. expected lifetime of greater than or equal to 10k hrs at 55 o c ) operation of this device outside the parameter ranges given above may cause permanent damage.
85 7071 192.5 mhz saw filter d ata sheet: rev a 05 / 1 0 / 12 - 3 of 6 - disclaimer: subject to change wi thout notice e ? 201 2 triquint semiconductor, inc. connecting the digital world to the global network ? reference design C 100 bal input, 100 bal output schematic 100 balanced input 100 balanced output notes: 1. actual matching values may vary due to pcb layout and parasitic pc board mounting co nfiguration notes: t op, middle & bottom layer s : 1 oz copper substrat es: fr4 dielectric, .031 thick notes: 1. all dimensions are in millimeters. 2. thi s footprint represents a recommendation only. bill of material reference desg. value description manufacturer part number l1 56 nh coil wire - wound, 0603 5 % murata lqw18an56nj00 l2 75 nh coil wire - wound, 0603 , 5% murata lqw18an 75 nj00 l 3 75 nh coil wir e - wound, 0603 , 5% murata lqw18an 75 nj00 l 4 200nh coil wire - wound, 0603 , 5 % murata lqw18an r 20 j00 l5 9.1 nh coil wire - wound, 0603 , 5 % murata lqw18an 9 n 1 d 00 l6 9.1 nh coil wire - wound, 0603 , 5 % murata lqw18an 9 n 1 d 00 l7 62nh coil wire - wound, 0603 , 5 % murata lqw1 8an 62 nj00 c1 15pf chip ceramic, 0603 , 5 % murata grm1885c1h150ja01 r1 680 1,2,3 6,7,8 100 75nh 9 5 100 75nh 10 4 200nh 9.1nh 9.1nh 56nh 15pf 62nh 680 857071 triquint jjjyhh l2 960686 l4 l1 c1 l3 l5 l6 l7 r1 0.80 1.60 5.70 1.27 1.20 2.54 7.20
85 7071 192.5 mhz saw filter d ata sheet: rev a 05 / 1 0 / 12 - 4 of 6 - disclaimer: subject to change wi thout notice e ? 201 2 triquint semiconductor, inc. connecting the digital world to the global network ? typical performance (at room temperature)
85 7071 192.5 mhz saw filter d ata sheet: rev a 05 / 1 0 / 12 - 5 of 6 - disclaimer: subject to change wi thout notice e ? 201 2 triquint semiconductor, inc. connecting the digital world to the global network ? mechanical information package information, dimensions and marking package style: smp - 28 c dimensions: 7.0 0 x 5.50 x 1. 24 mm body: al 2 o 3 ceramic lid: kovar , ni plated terminations: au plating 0.5 - 1.0m, over a 2 - 6m ni plating all dimensions shown are nominal in millimeters all tolerances are 0.15mm exc ept overall length and width 0.10mm the date code consists of: day of the current year (julian, 3 digits), y = last digit of the year (1 digit), and hh = hour (2 digits) tape and reel information standard t/r size = 3000 units/reel. all dimensions a re in millimeter s date code triquint 857071 pad 1 id dot jjjyhh 5.50 0.60 1.24 nom. 1.35 max. 1.40 2.54 1.00 7.00 1.27 0.69 pad 1 id dot 2.0 ? 13.0 ? 20.2 ? 330 16.8 2.7 direction of travel ?102 section a-a 0.3 2.2 7.3 5.8 ? 1.5 8.0 4.0 2.0 a a ? 1.5 16.0 7.5 1.75
85 7071 192.5 mhz saw filter d ata sheet: rev a 05 / 1 0 / 12 - 6 of 6 - disclaimer: subject to change wi thout notice e ? 201 2 triquint semiconductor, inc. connecting the digital world to the global network ? product compliance information esd information esd rating: 1a value: passes 250 v min. test: human body model (hbm) standard: jedec standard jesd22 - a114 esd rating: b value: passes 200 v min. test: machine model ( mm ) standard: jedec standard jesd22 - a115 solderability compatible with th e latest version of j - std - 020, l ead free solder, 260 c refer to soldering profile for recommended guidelines . this part is compliant with eu 2002/95/ec rohs directive (restrictions on the use of certain hazardous substances in electrical and electronic equipment). this product also has the following attributes: halogen free (chlorine, bromine) antimony free t bbp - a (c 15 h 12 br 4 0 2 ) free pfos free svhc free msl rating devices are hermetic, therefore msl is not applicable contact information for the latest specifications, additional product information, worldwide sales and distribution locations, and informat ion about triquint: web: www.triquint.com tel: +1. 407 . 886 . 8860 email: info - sales@tqs.com fax: +1. 407 . 886 . 7061 for technical questions and application information : email: flapplication.engineering@tqs.com important notice the information contained herein is believed to be reliable. triquint makes no warranties regarding the information contain ed herein. triquint assumes no responsibility or liability whatsoever for any of the information contained herein. triquint assumes no responsibility or liability whatsoever for the use of the information contained herein. the information contained herein is provided "as is, where is" and with all faults, and the entire risk associated with such information is entirely wi th the user. all information contained herein is subject to change without notice. customers should obt ain and verify the latest relevant information before placing orders for triquint products. the information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other in tellectual property rights, whether with regard to such information itself or anything described by such information. triquint products are not warranted or authorized for use as critical components in medical, life - saving, or life - sustaining application s, or other applications where a failure would reasonably be expected to cause severe personal injury or death. caution! esd - sensitive device


▲Up To Search▲   

 
Price & Availability of 857071-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X